Part Number Hot Search : 
SMCJ36A 2X245 5KP14A KBPC100 1N4750A DRA03TE D15XB20 TX715
Product Description
Full Text Search
 

To Download BDX78 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer TO-220 Plastic Package
IS/ISO 9002 Lic# QSC/L- 000019.2
IS / IECQC 700000 IS / IECQC 750100
BD202, BD204, BDX78
BD202, BD204, BDX78
PNP PLASTIC POWER TRANSISTORS
Complementary BD201, BD203 and BDX77 Medium Power Switching and Amplifier Applications
PIN CONFIGURATION 1. BASE 2. COLLECTOR 3. EMITTER 4. COLLECTOR
4
1 2 3
B H
F
C E
DIM A B C D E F G H J K L M N O
MIN . 14.42 9.63 3.56
MAX.
N
L
O
12
3
D G
J M
16.51 10.67 4.83 0.90 1.15 1.40 3.75 3.88 2.29 2.79 2.54 3.43 0.56 12.70 14.73 2.80 4.07 2.03 2.92 31.24 DEG 7
A
O
ABSOLUTE MAXIMUM RATINGS Collector-base voltage (open emitter) Collector-emitter voltage (open base) Collector current (DC) Total power dissipation up to Tmb = 25C Junction temperature Collector-emitter saturation voltage IC = 3 A; IB = 0.3 A D.C. current gain IC = 1 A; VCE = 2 V IC = 2 A; VCE = 2 V IC = 3 A; VCE = 2 V VCBO VCEO IC Ptot Tj VCEsat hFE hFE hFE max. max. max. max. max. max. min. min. min. - - 30 202 60 45 204 BDX78 60 100 60 80 8.0 60 150 1.0 - 30 - 30 - - V V A W C V
RATINGS (at TA=25C unless otherwise specified) Limiting values Collector-base voltage (open emitter) VCBO Collector-emitter voltage (open base) VCEO Emitter-base voltage (open collector) VEBO Collector current (DC) IC
All dimin sions in mm.
K
max. max. max. max.
202 60 45
204 BDX78 60 100 60 80 5.0 8.0
V V V A
Continental Device India Limited
Data Sheet
Page 1 of 3
BD202, BD204, BDX78
Collector current (peak tp = 10 ms) ICM Collector current (non-repetitive peak t p = 2 ms) ICSM Base current IB Ptot Total power dissipation up to Tmb = 25C Junction temperature Tj Storage temperature Tstg THERMAL RESISTANCE From junction to ambient CHARACTERISTICS Tamb = 25C unless otherwise specified Collector cutoff current IB = 0; VCE = 30 V IB = 0; VCB = 40 V; T j = 150C Emitter cut-off current IC = 0; VEB = 5 V Breakdown voltages IC = 0.2 A; IB = 0 IC = 1 mA; IE = 0 IE = 1 mA; IC = 0 Saturation voltages IC = 3 A; IB = 0.3 A IC = 6 A; IB = 0.6 A Base-emitter on voltage IC = 3 A; VCE = 2 V D.C. current gain IC = 1 A; VCE = 2 V IC = 2 A; VCE = 2 V IC = 3 A; VCE = 2 V Common emitter small IC = 0.3 A; VCE = 3 V Transition frequency IC = 0.3 A; VCE = 3 V; f = 1 MHz Second breakdown collector current with base forward biased (non-repetitive) VCE = 40 V; tp = 0.1 s Switching time ICon = 2A; IBon = IBoff = 0.2A Turn on time Turn off time * Pulse test: tp 300 s; duty cycle 2%. ICEO ICBO IEBO VCEO VCBO VEBO Rth j-a
max. max. max. max. max.
12 25 3.0 60 150 -65 to +150 70
A A A W C C K /W
202 max. max. max. min. min. min. 45 60
204 BDX78 0.2 1.0 0.5 60 60 5.0 1.0 1.5 2.0 1.5 80 100 mA mA mA V V V V V V V 30 - - KHz MHz
VCEsat* max. VCEsat* max. VBEsat* max. VBE(on)* max. hFE* hFE* hFE* fhfe fT min. min. min. min. min. - - 30
- 30 - 25 7.0
I S/b
min.
1.5
A
ton toff
max. max.
1 2
s s
Continental Device India Limited
Data Sheet
Page 2 of 3
Notes
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished on the CDIL Web Site/ CD is believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-579 6150 Fax + 91-11-579 9569, 579 5290 e-mail sales@cdil.com www.cdil.com
Continental Device India Limited Data Sheet Page 3 of 3


▲Up To Search▲   

 
Price & Availability of BDX78

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X